PART |
Description |
Maker |
87839-0019 0878390019 |
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
|
Molex Electronics Ltd.
|
87839-0011 0878390011 |
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
|
Molex Electronics Ltd.
|
87975-1002 0879751002 |
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Right Angle, Surface Mount, with Straight Solder Tab
|
Molex Electronics Ltd.
|
87863-0025 0878630025 |
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Press fit, 3.50mm (.138) Tail Length, 29 Circuits, Lead free
|
Molex Electronics Ltd.
|
AIC-43C97 AIC-43C97M_C AIC-43C97M/C |
Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
87824-0008 0878240008 |
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Surface Mount Solder Tab
|
Molex Electronics Ltd.
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
AM79C974 AM79C974KCW |
PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems
|
AMD[Advanced Micro Devices]
|
LX5203 LX5203CDP LX5203CN |
SCSI - Single Ended 9-LINE SCSI ACTIVE TERMINATOR
|
MICROSEMI[Microsemi Corporation]
|
SYM53C895 |
PCI to Ultra2 SCSI I/O Processor with LVD(Low Voltage Differential Link)Universal Transceivers(PCIUltra2 SCSI I/O接口处理器(带低电压差分连接通用收发器))
|
LSI Corporation
|
LX5208 LX5208CDWP |
SCSI - Single Ended 18-LINE LOW CAPACITANCE/ POWER SCSI TERMINATOR 18-LINE LOW CAPACITANCE, POWER SCSI TERMINATOR 18-LINE LOW CAPACITANCE POWER SCSI TERMINATOR 18-LINE LOW CAPACITANCE, レPOWER SCSI TERMINATOR 18-LINE LOW CAPACITANCE, μPOWER SCSI TERMINATOR
|
MICROSEMI[Microsemi Corporation]
|
HFH100G HFH100SG HFH100T HSH100G HSH100SG HSH100T |
.050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
|
http:// Adam Technologies, Inc.
|